|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E-Series 50 Ohm 20dB Coupler 5 - 1000 MHz SM-55 Package Features * * * * * Low Intermod Distortion Coupling 20db Typical Surface Mount Tape and Reel Packaging available Internal 50 Termination. Description M/A-COM's MACPES0054 is a 50 Ohm 20dB Coupler with an internal 50 Ohm termination in a low cost, surface mount package. Ideally suited for high volume cellular, wireless applications. Schematic Electrical Specifications @ 25C, Z0 = 50 Ohms Frequency Range 5 - 1000 MHz Test Conditions Nominal Units Min. Typ. Max. Mainline Loss Mainline Loss Flatness Coupling Coupling Flatness Isolation Input Return Loss Output Return Loss Coupled Return Loss 5 - 1000 MHz 5 - 1000 MHz 5 - 1000 MHz 5 - 1000 MHz 5 - 1000 MHz 5 - 40 MHz 40 - 1000 MHz 5 - 40 MHz 40 - 1000 MHz 5 - 1000 MHz -- -- 20 20 -- -- -- -- -- -- dB dB dB dB dB dB dB dB dB dB -- -- -- -- 30 0.5 0.25 -- -- 35 0.7 0.4 0.7 0.5 -- -- -- -- -- -- 20 15 20 15 20 30 20 30 20 25 Note: Specifications subject to change without notice. 1 E-Series 50 Ohm 20dB Coupler Absolute Maximum Ratings Parameter RF Power DC Current Storage Temperature Operating Temperature Absolute Maximum 250 mW 30 mA Coupled -40 C to +85C -40 C to +80C Internal 50 Ohms (NOT CONNECTED) Ground MACPES0054 Operating Characteristics Function Input Output Pin No. 6 1 4 3 2,5 Typical Performance @ +25 C Mainline Loss 0.0 Isolation -30.0 -35.0 -40.0 -0.2 -0.4 dB dB -0.6 -0.8 -1.0 5 171 337 502 668 834 1000 -45.0 -50.0 -55.0 -60.0 5 171 337 502 668 834 1000 Frequency (MHz) Frequency (MHz) Coupling -19.0 Coupled Port Return Loss -20.0 -19.4 -24.0 -19.8 -28.0 dB -20.2 dB -32.0 -20.6 -36.0 -21.0 5 171 337 502 668 834 1000 -40.0 5 171 337 502 668 834 1000 Frequency (MHz) Frequency (MHz) Rev A Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information. 2 E-Series 50 Ohm 20dB Coupler MACPES0054 Input Return Loss -15.0 Output Return Loss -15.0 -19.0 -19.0 -23.0 -23.0 dB -27.0 dB -27.0 -31.0 -31.0 -35.0 5 171 337 502 668 834 1000 -35.0 5 171 337 502 668 834 1000 Frequency (MHz) Frequency (MHz) Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information. 3 |
Price & Availability of MACPES0054 |